PART |
Description |
Maker |
MFRC52301HN1_TRAYB MFRC52301HN1_TRAYBM MFRC523 |
Contactless reader IC
|
NXP Semiconductors
|
MFRC522 |
Contactless Reader IC
|
NXP Semiconductors
|
CLRC632 CLRC63201T/0FE |
Multiple Protocol Contactless Reader IC
|
NXP Semiconductors
|
19RFDCS910 ST16-19RFRDCS910 ST16RFRDCS910 ST19RFRD |
Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Voltage; Number of PWM Outputs:2; Input Voltage Primary Min:4.75V; Input Voltage Primary Max:13.2V; Duty Cycle Max:94%; Package/Case:20-WSOIC Programmable Logic IC; Logic Type:Programmable; Package/Case:8-DIP; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Through Hole; No. of Bits:1046496 RoHS Compliant: No CONTACTLESS READER CHIP SET WITH ST92163MCU CONTACTLESS READER CHIP SET WITH ST92163MCU
|
意法半导 ST Microelectronics STMicroelectronics
|
AS7C252MFT18A AS7C252MFT18A.V1.2 AS7C252MFT18A-85T |
2.5V 2M x 18 Flow-through synchronous SRAM 2M X 18 STANDARD SRAM, 10 ns, PQFP100 CARD READER 2 TRACK SWIPE RS232 CARD READER FULL INSERT USB CARD READER SNG TRACK MAN SWIPE CARD READER 3 TRACK FULL INSERT CARD READER FULL INSERT RS-232 From old datasheet system Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS3993 |
The AS3993 UHF reader chip is the next generation integrated analog front end and protocol handling system for a 900MHz RFID reader system from austriamicrosystems
|
austriamicrosystems AG
|
XRA00 XRA00-SBN18I XRA00-W4I |
UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function UHF/ EPCglobal/ Contactless Memory IC 96 bit ePC with Inventory and Kill Function EEPROM (Electrically-Erasable PROM) - Datasheet Reference From old datasheet system
|
STMicroelectronics ST Microelectronics
|
AT88SC0808CRF |
AT88SC0808CRF Summary [Updated 05/03. 9 Pages] Contactless 8-Kbit user memory with authentication and encryption. ISO/IEC 14443 Type B compliant CryptoRF EEPROM Memory 8 Kbits Contactless 8-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant.
|
ATMEL
|
MF1PLUSX0Y1 |
Mainstream contactless smart card IC
|
NXP Semiconductors
|
V4070IC V4070 V4070-PCB |
Crypto Contactless Identification Device
|
EMMICRO[EM Microelectronic - MARIN SA]
|
CNZ1105 |
Photo Interrupter For contactless SW, object detection
|
PANASONIC[Panasonic Semiconductor]
|